PART |
Description |
Maker |
CTA06-400B CTB06-400B CTA06-400BPT CTB06-400BPT CT |
6Amp - 400/600/800/1000V - TRIAC 800 V, 6 A, ALTERNISTOR TRIAC, TO-220AB 600 V, 6 A, ALTERNISTOR TRIAC, TO-220AB 6Amp - 400/600/800/1000V - TRIAC
|
List of Unclassifed Manufacturers CYNERGY3 CORP List of Unclassifed Man...
|
CTA16-1000BW CTA16-400CW CTB16-800B CTB16-800CW CT |
ALTERNISTOR 1000V 16A TO220AB 1000 V, 16 A, ALTERNISTOR TRIAC, TO-220AB TRIAC ALTERNIST 16A 400V TO220AB 400 V, 16 A, ALTERNISTOR TRIAC, TO-220AB TRIAC STANDARD 16A 800V TO-220AB TRIAC ALTERNIST 16A 800V TO220AB
|
Crydom, Inc. CRYDOM CORP
|
CHTB12-600 |
TRIAC ALTERNIST 12A 600V TO220AB 600 V, 12 A, ALTERNISTOR TRIAC, TO-220AB
|
Crydom, Inc.
|
CQ220-12NFP |
12 AMP TRIAC 600 THRU 800 VOLTS 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp.
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|
Q4008R455 Q4X8E373 Q4X8E373AP Q4015R552 Q4015R553 |
400 V, 8 A, TRIAC, TO-220AB 400 V, 0.8 A, TRIAC, TO-92 400 V, 15 A, TRIAC, TO-220AB 500 V, 4 A, TRIAC, TO-202AB 800 V, 4 A, TRIAC, TO-220AB 800 V, 10 A, TRIAC, TO-220AB 200 V, 8 A, TRIAC 200 V, 10 A, TRIAC
|
|
CQ220I-8BR CQ220I-8MR CQ220I-8NR CQ220I-8DR |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp
|
CQDD-12M CQDD-12N |
SMD TRIAC 12 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|
Z0107NA0 |
4Q Triac 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
NXP Semiconductors N.V.
|
|